Part Number Hot Search : 
OV7411P 5262B 4920M KP120 TC74AC TFHD6 56F80 GBPC50
Product Description
Full Text Search
 

To Download 60CTQ150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-20484 04/02
60CTQ150
SCHOTTKY RECTIFIER 60 Amp
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM IFSM @ tp = 5 s sine VF TJ @ 30 Apk, TJ= 125C typical range
Description/ Features
The 60CTQ150 center tap Schottky rectifier series has been optimized for low reverse leakage at high temperature. The proprietary barrier technology allows for reliable operation up to 175 C junction temperature. Typical applications are in switching power supplies, converters, free-wheeling diodes, and reverse battery protection. 175 C TJ operation Center tap TO-220 package High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance Low forward voltage drop High frequency operation Guard ring for enhanced ruggedness and long term reliability
60CTQ150 Units
60 150 710 0.69 A V A V
(per leg) - 55 to 175 C
Case Styles 60CTQ150
Base Common Cathode
2
1
Anode
2 Common Cathode
3
Anode
TO-220
www.irf.com
1
60CTQ150
Bulletin PD-20484 04/02
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
60CTQ150
150
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current IFSM EAS IAR * See Fig. 5 (Per Leg) (Per Device) * See Fig. 7
60CTQ Units
30 60 710 270 0.4 0.9 A mJ A A
Conditions
50% duty cycle @ TC = 137C, rectangular wave form 5s Sine or 3s Rect. pulse Following any rated load condition and with 10ms Sine or 6ms Rect. pulse rated VRRM applied TJ = 25 C, IAS = 0.9 Amps, L = 1 mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 1.5 x VR typical
Max. Peak One Cycle Non-Repetitive Surge Current (Per Leg) Non-Repetitive Avalanche Energy (Per Leg) Repetitive Avalanche Current (Per Leg)
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (Per Leg) * See Fig. 1 (1)
Typ.
0.83 0.98 0.67 0.82
Max. Units
0.88 1.09 0.72 0.87 75 20 650 7.5 10000 V V V V A mA pF nH V/ s
Conditions
@ 30A @ 60A @ 30A @ 60A TJ = 25 C TJ = 125 C @ 25C TJ = 25 C TJ = 125 C VR = rated VR
IRM CT LS
Max. Reverse Leakage Current (Per Leg) * See Fig. 2 Typical Junction Capacitance (Per Leg) Typical Series Inductance (Per Leg)
7 7.2 -
VR = 5VDC (test signal range 100kHz to 1Mhz) Measured lead to lead 5mm from package body (Rated VR)
dv/dt Max. Voltage Rate of Change
(1) Pulse Width < 300s, Duty Cycle < 2%
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range to Case (Per Leg) * See Fig. 4 RthJC Max. Thermal Resistance Junction to Case (Per Package) RthCS Typical Thermal Resistance, Case to Heatsink wt Approximate Weight T Mounting Torque Min. Max. 0.25 6 (0.21) 6 (5) 12 (10) C/W Mounting surface , smooth and greased g (oz.) Kg-cm (Ibf-in) 0.6 C/W DC operation
60CTQ Units
-55 to 175 -55 to 175 1.2 C C
Conditions
RthJC Max. Thermal Resistance Junction
C/W DC operation
2
www.irf.com
60CTQ150
Bulletin PD-20484 04/02
1000
100
Reverse Current - IR (mA)
Tj = 175C 150C
10 1
125C 100C 75C
0.1 0.01 0.001
0 20 40 60
50C 25C
Instantaneous Forward Current - I F (A)
100
80 100 120 140 160
Reverse Voltage - V R (V) Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage (Per Leg)
1000
Tj = 125C
Junction Capacitance - CT (pF)
10
Tj = 175C Tj = 125C Tj = 25C
1 0.2 0.4 0.6 0.8
100
1
1.2 1.4 1.6 1.8
2
0
40
80
120
160
Forward Voltage Drop - V FM (V) Fig. 1 - Max. Forward Voltage Drop Characteristics (Per Leg)
Reverse Voltage - V R (V) Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage (Per Leg)
10
Thermal Impedance Z thJC (C/W)
D = 0.75 D = 0.50 D = 0.33 D = 0.25 D = 0.20
1
PDM
0.1
t1
0.01
Single Pulse (Thermal Resistance)
t2
Notes: 1. Duty factor D = t1/ t2 2. Peak Tj = Pdm x ZthJC + Tc
0.001 0.00001
0.0001 0.001 0.01 0.1 t1 , Rectangular Pulse Duration (Seconds)
1
10
Fig. 4 - Max. Thermal Impedance ZthJC Characteristics (Per Leg)
www.irf.com
3
60CTQ150
Bulletin PD-20484 04/02
180
Allowable Case Temperature (C) Average Power Loss (Watts)
35 30 25
DC
170 160 150 140 130 120 Square wave (D = 0.50) 80% Rated Vr applied 110 100 see note (2) 90 0 5 10 15 20 25 30 35 40 45
Average Forward Current - I F(AV) (A) Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current (Per Leg)
Non-Repetitive Surge Current - I FSM (A)
DC
20
RMS Limit
15 10 5 0 0
D = 0.75 D = 0.50 D = 0.33 D = 0.25 D = 0.20
5 10 15 20 25 30 35 40 45
Average Forward Current - I F(AV) (A)
Fig. 6 - Forward Power Loss Characteristics (Per Leg)
1000
At Any Rated Load Condition And With Rated Vrrm Applied Following Surge
100 10
100
1000
10000
Square Wave Pulse Duration - t p (microsec) Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
L H IG H -SPE ED SW ITC H FREE-W HE EL D IO D E 40H FL40S02 V d = 25 V olt
D UT
IRFP460 Rg = 25 ohm
+
C UR RE N T M O N ITO R
Fig. 8 - Unclamped Inductive Test Circuit
(2) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); PdREV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = 80% rated VR
4
www.irf.com
60CTQ150
Bulletin PD-20484 04/02
Outline Table
10.54 (0.41) MAX. 3.78 (0.15) 3.54 (0.14) 15.24 (0.60) 14.84 (0.58) 123 14.09 (0.55) 13.47 (0.53) 3.96 (0.16) 3.55 (0.14) 2.04 (0.080) MAX. 1.40 (0.05) 1.15 (0.04) 0.94 (0.04) 0.69 (0.03)
1
1.32 (0.05) DIA. 6.48 (0.25) 6.23 (0.24) 2 1.22 (0.05)
2.92 (0.11) 2.54 (0.10) TERM 2
0.10 (0.004)
Base Common Cathode
2
2.89 (0.11) 2.64 (0.10)
Anode
2 Common Cathode
3
Anode
123 4.57 (0.18) 4.32 (0.17)
0.61 (0.02) MAX.
5.08 (0.20) REF.
Conform to JEDEC outline TO-220AB Dimensions in millimeters and (inches)
Marking Information
EXAMPLE: THIS IS A 60CTQ150 LOT CODE 1789 ASSEMBLED ON WW 19, 1999 IN THE ASSEMBLY LINE "C" INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE
PART NUMBER
DATE CODE YEAR 9 = 1999 WEEK 19 LINE C
www.irf.com
5
60CTQ150
Bulletin PD-20484 04/02
Ordering Information Table
Device Code
60
1
C
2
T
3
Q
4
150
5
1 2 3 4 5
-
Essential Part Number C = Common Cathode T = TO-220 Q = Schottky Q Series Voltage Rating 150 = 150V
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 04/02
6
www.irf.com


▲Up To Search▲   

 
Price & Availability of 60CTQ150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X